Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 673 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 673 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 669Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 670Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 671Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 672Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 673Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 674Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 675Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 676Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 677Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
595
Address: DSPI_BASE + 0x30
Access:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
00
0
00
0
0
0
W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Figure 30-7. DSPI DMA/Interrupt Request Select and Enable Register (DSPI_RSER)
Table 30-18. DSPI_RSER Field Descriptions
Field
Description
31
TCF_RE
Transmission Complete Request Enable. The TCF_RE bit enables TCF flag in the DSPI_SR to generate
an interrupt request.
0 TCF interrupt requests are disabled
1 TCF interrupt requests are enabled
30–29
Reserved, should be cleared.
28
EOQF_RE
DSPI Finished Request Enable. The EOQF_RE bit enables the EOQF flag in the DSPI_SR to generate
an interrupt request.
0 EOQF interrupt requests are disabled
1 EOQF interrupt requests are enabled
27
TFUF_RE
Transmit FIFO Underflow Request Enable. The TFUF_RE bit enables the TFUF flag in the DSPI_SR to
generate an interrupt request.
0 TFUF interrupt requests are disabled
1 TFUF interrupt requests are enabled
26
Reserved, should be cleared.
25
TFFF_RE
Transmit FIFO Fill Request Enable. The TFFF_RE bit enables the TFFF flag in the DSPI_SR to generate
a request. The TFFF_DIRS bit selects between generating an interrupt request or a DMA requests.
0 TFFF interrupt requests or DMA requests are disabled
1 TFFF interrupt requests or DMA requests are enabled
24
TFFF_DIRS
Transmit FIFO Fill DMA or Interrupt Request Select. The TFFF_DIRS bit selects between generating a
DMA request or an interrupt request. When the TFFF flag bit in the DSPI_SR is set, and the TFFF_RE
bit in the DSPI_RSER register is set, this bit selects between generating an interrupt request or a DMA
request.
0 Interrupt request will be generated
1 DMA request will be generated
23–20
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com