Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 672 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 672 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 668Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 669Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 670Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 671Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 672Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 673Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 674Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 675Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 676Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
594
Freescale Semiconductor
30.11.2.5 DSPI DMA/Interrupt Request Select and Enable Register (DSPI_RSER)
The DSPI_RSER serves two purposes. It enables flag bits in the DSPI_SR to generate DMA requests or
interrupt requests. The DSPI_RSER also selects the type of request to be generated. See the individual bit
descriptions for information on the types of requests the bits support. The user must not write to the
DSPI_RSER while the DSPI is in the Running state.
19
RFOF
Receive FIFO Overflow Flag. The RFOF bit indicates that an overflow condition in the RX FIFO has
occurred. The bit is set when the RX FIFO and shift register are full and a transfer is initiated. The bit
remains set until cleared by software.
0 RX FIFO overflow has not occurred
1 RX FIFO overflow has occurred
18
Reserved, should be cleared.
17
RFDF
Receive FIFO Drain Flag. The RFDF bit provides a method for the DSPI to request that entries be
removed from the RX FIFO. The bit is set while the RX FIFO is not empty. The RFDF bit can be cleared
by host software or an acknowledgement from the DMA controller when the RX FIFO is empty.
0 RX FIFO is empty
1 RX FIFO is not empty
16
Reserved, should be cleared.
15–12
TXCTR
TX FIFO Counter. The TXCTR field indicates the number of valid entries in the TX FIFO. The TXCTR is
incremented every time the DSPI _PUSHR is written. The TXCTR is decremented every time a SPI
command is executed and the SPI data is transferred to the shift register.
11–8
TXNXTPTR
Transmit Next Pointer. The TXNXTPTR field indicates which TX FIFO Entry will be transmitted during the
next transfer. The TXNXTPTR field is updated every time SPI data is transferred from the TX FIFO to the
shift register. See Section 30.12.7.4, “Transmit FIFO Underflow Interrupt Request,” for more details.
7–4
RXCTR
RX FIFO Counter. The RXCTR field indicates the number of entries in the RX FIFO. The RXCTR is
decremented every time the DSPI _POPR is read. The RXCTR is incremented every time data is
transferred from the shift register to the RX FIFO.
3–0
POPNXTPTR
Pop Next Pointer. The POPNXTPTR field contains a pointer to the RX FIFO entry that will be returned
when the DSPI_POPR is read. The POPNXTPTR is updated when the DSPI_POPR is read. See
Section 30.12.3.5, “Receive First In First Out (RX FIFO) Buffering Mechanism,” for more details.
Table 30-17. DSPI_SR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com