Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 668 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 668 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 664Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 665Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 666Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 667Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 668Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 669Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 670Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 671Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 672Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
590
Freescale Semiconductor
11–8
ASC[3:0]
After SCK Delay Scaler. The ASC field selects the scaler value for the After SCK Delay. This field is only
used in Master Mode. The After SCK Delay is the delay between the last edge of SCK and the negation
of PCS. Table 30-14 list the scaler values.The After SCK Delay is a multiple of the system clock period,
and it is computed according to the following equation:
Eqn. 30-3
See Section 30.12.4.3, “After SCK Delay (tASC),” for more details.
7–4
DT[3:0]
Delay after Transfer Scaler. The DT field selects the Delay after Transfer Scaler. This field is only used in
Master Mode. The Delay after Transfer is the time between the negation of the PCS signal at the end of
a frame and the assertion of PCS at the beginning of the next frame. Table 30-15 lists the scaler values..
In the Continuous Serial Communications Clock operation the DT value is fixed to one TSCK. The Delay
after Transfer is a multiple of the system clock period and it is computed according to the following
equation:
Eqn. 30-4
See Section 30.12.4.4, “Delay after Transfer (tDT),” for more details.
3–0
BR[3:0]
Baud Rate Scaler. The BR field selects the scaler value for the baud rate. This field is only used in Master
Mode. The pre-scaled system clock is divided by the Baud Rate Scaler to generate the frequency of the
SCK. Table 30-16 lists the Baud Rate Scaler values.The baud rate is computed according to the following
equation:
Eqn. 30-5
See Section 30.12.4.1, “Baud Rate Generator,” for more details.
Table 30-11. DSPI SCK Duty Cycle
DBR
CPHA
PBR
SCK Duty Cycle
0
any
any
50/50
1
0
00
50/50
1
0
01
33/66
1
0
10
40/60
1
0
11
43/57
1
1
00
50/50
1
1
01
66/33
1
1
10
60/40
1
1
11
57/43
Table 30-10. DSPI_CTARn Field Descriptions (Continued)
Field
Descriptions
t
ASC
1
f
SYS
-----------
PASC
×
ASC
×
=
t
DT
1
f
SYS
-----------
PDT
×
DT
×
=
SCK baud rate
f
SYS
PBR
-------------
1DBR
+
BR
-----------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com