Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 664 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 664 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 660Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 661Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 662Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 663Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 664Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 665Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 666Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 667Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 668Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
586
Freescale Semiconductor
30.11.2.2 DSPI Transfer Count Register (DSPI_TCR)
The DSPI_TCR contains a counter that indicates the number of SPI transfers made. The transfer counter
is intended to assist in queue management. The user must not write to the DSPI_TCR while the DSPI is in
the Running state.
10
CLR_RXF
Clear RX FIFO. CLR_RXF is used to flush the RX FIFO. Writing a ‘1’ to CLR_RXF clears the RX Counter.
The CLR_RXF bit is always read as zero.
0 Do not clear the RX FIFO Counter
1 Clear the RX FIFO Counter
9–8
SMPL_PT
SMPL_PT — Sample Point. SMPL_PT allows the host software to select when the DSPI Master samples
SIN in Modified Transfer Format. Figure 30-18 shows where the Master can sample the SIN pin. The table
below lists the various delayed sample points.
7–1
Reserved, should be cleared.
0
HALT
Halt. The HALT bit provides a mechanism by software to start and stop DSPI transfers. See
Section 30.12.2, “Start and Stop of DSPI Transfers,” for details on the operation of this bit.
0 Start transfers
1 Stop transfers
Address: DSPI_BASE + 0x8
Access:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
SPI_TCNT
W
Reset
000000000000000
0
15
14
13
12
11
10
9876543210
R
000000000000000
0
W
Reset
000000000000000
0
Figure 30-4. DSPI Transfer Count Register (DSPI_TCR)
Table 30-8. DSPI_MCR Field Descriptions (Continued)
Field
Description
SMPL_PT
Number of system clock cycles between odd-numbered edge of
SCK and sampling of SIN.
00
0
01
1
10
2
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com