| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 660 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 660 Page - Freescale Semiconductor, Inc |
|
660 / 976 page ![]() External Signal Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 582 Freescale Semiconductor 30.10.2 Detailed Signal Description 30.10.2.1 PCS[0]/SS — Peripheral Chip Select/Slave Select In Master Mode, the PCS[0] signal is a Peripheral Chip Select output that selects which slave device the current transmission is intended for. In Slave Mode, the SS signal is a Slave Select input signal that allows a SPI master to select the DSPI as the target for transmission. 30.10.2.2 PCS[1] - PCS[3] — Peripheral Chip Selects 1 - 3 PCS[1] - PCS[3] are Peripheral Chip Select output signals in Master Mode. In Slave Mode these signals are not used. 30.10.2.3 PCS[4]/MTRIG — Peripheral Chip Select 4/Master Trigger In Master Mode, PCS[4] is a Peripheral Chip Select output signal. In Slave Mode, MTRIG is an output trigger signal that indicates that a change in data to be serialized has occurred. The MTRIG pulse is four system clock cycles in duration. If the DSPI is in Slave Mode and the MTO is disabled, the PCS[4]/MTRIG signal is unused. 30.10.2.4 PCS[5]/PCSS — Peripheral Chip Select 5/Peripheral Chip Select Strobe PCS[5] is a Peripheral Chip Select output signal. When the DSPI is in Master Mode and PCSSE bit in the DSPI_MCR is negated, this signal is used to select which slave device the current transfer is intended for. PCSS provides a strobe signal that can be used with an external demultiplexer for deglitching of the PCS signals. When the DSPI is in Master Mode and the PCSSE bit in the DSPI_MCR is set, the PCSS provides the appropriate timing for the decoding of the PCS[0] - PCS[4] and PCS[6] - PCS[7] signals which prevents glitches from occurring. This signal is not used in Slave Mode. PCS[4]/MTRIG Output Peripheral Chip Select 4 Master Trigger PCS[5]/PCSS Output Peripheral Chip Select 5 / Peripheral Chip Select Strobe Unused PCS[6] - PCS[7] Output Peripheral Chip Select 6- 7 Unused SIN Input Serial Data In Serial Data In SOUT Output Serial Data Out Serial Data Out SCK Output / Input Serial Clock (output) Serial Clock (input) Table 30-6. Signal Properties Name I/O Type Function Master Mode Slave Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |