Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 656 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 656 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 652Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 653Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 654Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 655Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 656Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 657Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 658Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 659Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 660Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 976 page
background image
DSPI Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
578
Freescale Semiconductor
•
Fixed MUCts01650: Write on bus abort still writes register
•
DSPI runs directly from system (fast) clock (not programmable) instead of from peripheral (slow)
clock
•
Continuous chip select definition updated in the Block Guide (v0.26)
30.8
DSPI Application Usage
30.8.1
Enabling the DSPI
Before the DSPI can be used, it must be explicitly enabled by clearing the MDIS bit.
30.8.2
Baud Rate Calculation
Eqn. 30-1
Given the above Baud Rate equation, and the limitations of the fsys, PBR, DBR and BR settings, the
maximum baud rate is as follows:
NOTE
The above Baud Rate calculations apply to Master Mode only.
On the MAC71x1, fDSPI = fSYS/2. On the MAC72xx fDSPI = fSYS
Table 30-4. DSPI Maximum Baud Rate Parameters
Parameter
MAC71x1
MAC72xx
fsys
< 50MHz
< 70MHz
fdspi
< 25MHz
< 70MHz
PBR
2...7
2...7
DBR
DBR bit not available
0,1
BR
2...32768
2...32768
Maximum Baud Rate (DBR=0)
fdspi/4 = 6.25 Mb/s
fdspi/4 = 17.5 Mb/s
Maximum Baud Rate (DBR=1)
DBR bit not available
fdspi/2 = 35 Mb/s
Min. system clock frequency for 8 Mb/s
(DBR=0)
64 MHz
32 MHz
Min. system clock frequency for 8 Mb/s
(DBR=1)
DBR bit not available
16 MHz
Table 30-5. DSPI SCK Duty Cycle Calculation
DBR
CPHA
PBR
SCK Duty Cycle
0
any
any
50/50
1
0
00
50/50
BaudRate
fdspi
PBR
--------------
DBR
1
+
BR
-----------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com