Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 654 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 654 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 650Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 651Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 652Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 653Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 654Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 655Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 656Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 657Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 658Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 976 page
background image
DSPI Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
576
Freescale Semiconductor
•
MISO (Master Input/Slave Output): Data is received into this pin if the chip is a Master and
transmitted out of this pin if the chip is a Slave. This signal is bussed (i.e., 1 signal for all Slaves).
•
CS (Chip Select - active low): Point to point connection between a Master and a Slave that is used
to select a Slave for a particular transfer. On the slave side, it is sometimes referred to as a Slave
Select.
A typical SPI bus consists of a single Master and one or more slaves. Selection between Master and Slave
may be dynamic (i.e., software selectable), resulting in a (possibly) dynamic network topography. The
Master on the bus is always responsible for driving the clock (SCK), with the possibility of inserting wait
states by holding the clock low. Data transfers over a SPI bus are always done in 8-bit chunks (bytes), with
a single transfer consisting of 1 or more bytes. Data on the MOSI and MISO lines is always driven and
sampled with respect to SCK, with one of a defined set of 4 clock phase and polarities.
One of these combinations is selected (either as a static configuration or on a transfer by transfer basis)
using the two control bits CPOL and CPHA. These combinations are shown in Table 30-1.
The SPI protocol itself does not specify the content of the data, only the physical transmission of the bits.
Thus, there are no defined addressing or data packet schemes, leaving the software to implement the upper
layers of the SPI protocol stack.
30.4
DSPI Implementation
The DSPI module has several different configuration options. On the MAC72xx device, the DSPI modules
have the following configuration:
•
MDIS Reset Value: The reset value of the MDIS bit is 1, meaning that the DSPI is in a disabled
state after reset, and must be explicitly enabled before it can be used.
•
Number of CTAR Registers: The number of Clock and Transfer Attributes Registers (CTAR) on
the MAC72xx is configured to 6 per DSPI.
•
Transmit FIFO Size: The size of the transmit FIFOs on all DSPIs on the MAC72xx is set to a depth
of 4 per DSPI.
•
Receive FIFO Size: The size of the receive FIFOs on all DSPIs on the MAC72xx is set to a depth
of 4 per DSPI.
Table 30-1. CPOL and CPHA Control Bits
CPOL
CPHA
Transfer Characteristics
o
o
SCK rising edge is used.
SCK transitions in the middle of the bit timing.
0
1
SCK rising edge is used.
SCK transitions at the beginning of the bit timing.
1
0
SCK falling edge is used.
SCK transitions in the middle of the bit timing.
1
1
SCK falling edge is used.
SCK transitions at the beginning of the bit timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com