Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 651 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 651 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 647Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 648Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 649Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 650Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 651Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 652Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 653Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 654Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 655Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
573
bringing the system back into a ’ready-for-I2C-transfer’ state. The advantage over the two other
solutions is that this neigher requires CPU intervention nor a 2nd DMA channel. This comes at the
cost of 64 bytes RAM (2 TCDs), some system bus transfer overhead and a little increase in
application code complexity. Please note that you have to make sure on system level that no higher
priority DMA requests occur during the scatter/gather process, as those could again create a
scenario of slow reaction.
Example latencies for a 32 MHz system with a full speed 32bit AHB bus and an I2C connected via half
speed IPI bus:
•
Accessing the I2C from the DMA controller via IPI bus typically requires 4 cycles (consecutive
accesses to the I2C could be faster):
4 x TIPI = 4 / 16 MHz = 250 ns
Eqn. 29-6
•
Reloading a new TCD (8 x 32 bit) via AHB to the DMA controller (scatter/gather process):
8 x TAHB = 8 / 32 MHz = 250 ns
Eqn. 29-7
Conclusion:
With the DMA scatter/gather process the required IBCR access can be done in 0.5 us, leaving a large
margin of 19.5 us for additional system delays. In this way the slow reaction case can be prevented. The
system user needs to decide which usage model suits his overall requirements best.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com