Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 655 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 655 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 651Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 652Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 653Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 654Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 655Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 656Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 657Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 658Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 659Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 976 page
background image
DSPI External Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
577
•
Module Base Address: The address offset between the beginning of the DSPI module and the first
DSPI register (DSPI_MCR), referred to as DSPI_BASE, is set to $0000 for all DSPIs on the
MAC72xx.
•
The MAC7200 family provides the DSPI with a range of Chip Select lines depending on the
device. A maximum of six peripheral chip select lines can be provided from each of the on-board
DSPIs, offering selection of up to 64 external devices and transfer configurations. One of the Chip
Selects (CS[5]) can be used to provide a Chip Select Strobe in order to eliminate decoding glitches
generated when the Chip Selects change. This allows glitch free selection of up to 32 external
devices.
30.5
DSPI External Pins
Note that all chip select pins may not be available for all DSPIs on all device/package combinations.
30.6
DSPI Bus Aborts
The DSPI module supports Peripheral Bus bus aborts, and enforces the following memory map:
Supervisor Access: Unused
30.7
DSPI Differences from MAC71xx
•
Added CS6/CS7 (8 chip-selects total). Not all chip selects are bonded out on all device and/or
packages.
•
Number of CTARs (6) will not change
•
Added Double Baud Rate functionality
— Added DBR bit to each CTAR register
•
Fixed MUCts01474: Limitations of continuous chip select mode
Table 30-2. DSPI External Pins
SCK
Serial Clock
MOSI
Master Out/Slave In
MISO
Master In/Slave Out
CS0/SS
Chip Select 0/Slave Select
CS[4:1]
Chip Select
CS5/PCSS Chip Select/Chip Select Strobe
CS[7:6]
Chip Select
Table 30-3. DSPI Bus Aborts
Abort
Allowed
$0000-$00cf
$00d0-$3fff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com