Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 659 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 659 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 655Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 656Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 657Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 658Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 659Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 660Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 661Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 662Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 663Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
581
The block-specific modes are entered by host software writing to a register. The MCU-specific modes are
controlled by signals external to the DSPI. The MCU-specific modes are modes that the entire MCU may
enter, in parallel to the DSPI being in one of its block-specific modes.
30.9.4.1
Master Mode
Master Mode allows the DSPI to initiate and control serial communication. In this mode, the SCK signal
and the PCS[x] signals are controlled by the DSPI and configured as outputs.
30.9.4.2
Slave Mode
The Slave Mode allows the DSPI to communicate with SPI bus masters. In this mode the DSPI responds
to externally controlled serial transfers. The DSPI cannot control serial transfers in Slave Mode. In this
mode, the SCK signal and the PCS[0]/SS signal are configured as inputs and provided by a bus master.
30.9.4.3
Module Disable Mode
The Module Disable Mode is used for MCU power management. The clock to the non-memory mapped
logic in the DSPI can be stopped while in the Module Disable Mode. Logic external to the DSPI is needed
to fully implement the Module Disable Mode.
30.9.4.4
External Stop Mode
The External Stop Mode is used for MCU power management. When a request is made to enter External
Stop Mode, the DSPI block acknowledges the request and completes the transfer in progress. When the
DSPI reaches the frame boundary it signals that the system clocks to the DSPI block may be shut off.
30.9.4.5
Debug Mode
The Debug Mode is used for system development and debugging. If the SoC enters Debug Mode while
the FRZ bit in the DSPI_MCR is set, the DSPI stops all serial transfers. If the SoC enters Debug Mode
while the FRZ bit is negated, the DSPI behavior is unaffected and remains dictated by the block-specific
mode and configuration of the DSPI.
30.10 External Signal Description
30.10.1 Overview
Table 30-6 lists the signals that may connect off chip depending on SoC implementation.
Table 30-6. Signal Properties
Name
I/O Type
Function
Master Mode
Slave Mode
PCS[0]/SS
Output / Input
Peripheral Chip Select 0
Slave Select
PCS[1] - PCS[3]
Output
Peripheral Chip Select 1 - 3
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com