Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 661 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 661 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 657Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 658Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 659Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 660Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 661Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 662Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 663Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 664Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 665Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
583
30.10.2.5 PCS[6] - PCS[7] — Peripheral Chip Selects 6- 7
PCS[6] - PCS[7] are Peripheral Chip Select output signals in Master Mode. In Slave Mode these signals
are not used.
30.10.2.6 SIN — Serial Input
SIN is a serial data input signal.
30.10.2.7 SOUT — Serial Output
SOUT is a serial data output signal.
30.10.2.8 SCK — Serial Clock
SCK is a serial communication clock signal. In Master Mode, the DSPI generates the SCK. In Slave Mode,
SCK is an input from an external bus master.
30.11 Memory Map and Register Definition
30.11.1 Memory Map
Table 30-7 shows the DSPI memory map.
Table 30-7. DSPI Memory Map
Address
Register Name
DSPI_BASE
DSPI Module Configuration Register (DSPI_MCR)
DSPI_BASE+0x4
Reserved
DSPI_BASE+0x8
DSPI Transfer Count Register (DSPI_TCR)
DSPI_BASE+0xC–
DSPI_BASE+0x28
DSPI Clock and Transfer Attributes Register 0 (DSPI_CTAR0) -
DSPI Clock and Transfer Attributes Register 7 (DSPI_CTAR7)1
1. The number of CTAR registers is parameterized in RTL.
DSPI_BASE+0x2C
DSPI Status Register (DSPI_SR)
DSPI_BASE+0x30
DSPI DMA/Interrupt Request Select and Enable Register (DSPI_RSER)
FIFO Registers
DSPI_BASE+0x34
DSPI Push TX FIFO Register (DSPI_PUSHR)
DSPI_BASE+0x38
DSPI Pop RX FIFO Register (DSPI_POPR)
DSPI_BASE+0x3C -
DSPI_BASE+0x48
DSPI Transmit FIFO Register 0 (DSPI_TXFR0) -
DSPI Transmit FIFO Register 3 (DSPI_TXFR3)2
2. FIFO Depths are parameterized in RTL.
DSPI_BASE+0x4C -
DSPI_BASE+0x58
DSPI Receive FIFO Register 0 (DSPI_RXFR0) -
DSPI Receive FIFO Register 3 (DSPI_RXFR3)2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com