Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 663 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 663 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 659Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 660Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 661Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 662Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 663Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 664Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 665Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 666Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 667Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
585
27
FRZ
Freeze. The FRZ bit enables the DSPI transfers to be stopped on the next frame boundary when the SoC
enters Debug Mode.
0 Do not halt serial transfers1Halt serial transfers
26
MTFE
Modified Timing Format Enable. The MTFE bit enables a modified transfer format to be used. See
Section 30.12.5.4, “Modified SPI Transfer Format (MTFE = 1, CPHA = 1),” for more information.
0 Modified SPI transfer format disabled
1 Modified SPI transfer format enabled
25
PCSSE
Peripheral Chip Select Strobe Enable. The PCSSE bit enables the PCS[5]/PCSS to operate as an PCS
Strobe output signal. See Section 30.12.4.5, “Peripheral Chip Select Strobe Enable (PCSS),” for more
information.
0 PCS[5]/PCSS is used as the Peripheral Chip Select[5] signal
1 PCS[5]/PCSS is used as an active-low PCS Strobe signal
24
ROOE
Receive FIFO Overflow Overwrite Enable. The ROOE bit enables an RX FIFO overflow condition to either
ignore the incoming serial data or to overwrite existing data. If the RX FIFO is full and new data is
received, the data from the transfer that generated the overflow is either ignored or shifted in to the shift
register. If the ROOE bit is asserted, the incoming data is shifted in to the shift register. If the ROOE bit
is negated, the incoming data is ignored. See Section 30.12.7.6, “Receive FIFO Overflow Interrupt
Request,” for more information.
0 Incoming data is ignored
1 Incoming data is shifted in to the shift register
23–16
PCSISx
Peripheral Chip Select Inactive State. The PCSIS bit determines the inactive state of the PCSx signal.
0 The inactive state of PCSx is low
1 The inactive state of PCSx is high
15
DOZE
Doze Enable. The DOZE bit provides support for externally controlled Doze Mode power-saving
mechanism. See Section 30.12.8, “Power Saving Features,” for details.
14
MDIS
Module Disable. The MDIS bit allows the clock to be stopped to the non-memory mapped logic in the
DSPI effectively putting the DSPI in a software controlled power-saving state. See Section 30.12.8,
“Power Saving Features,” for more information. The reset value of the MDIS bit is parameterized, with a
default reset value of ‘0’.
0 Enable DSPI clocks.
1 Allow external logic to disable DSPI clocks.
13
DIS_TXF
Disable Transmit FIFO. The DIS_TXF bit provides a mechanism to disable the TX FIFO. When the TX
FIFO is disabled, the transmit part of the DSPI operates as a simplified double-buffered SPI. See
Section 30.12.3.3, “FIFO Disable Operation,” for details.
0 TX FIFO is enabled
1 TX FIFO is disabled
12
DIS_RXF
Disable Receive FIFO. The DIS_RXF bit provides a mechanism to disable the RX FIFO. When the RX
FIFO is disabled, the receive part of the DSPI operates as a simplified double-buffered SPI. See
Section 30.12.3.3, “FIFO Disable Operation,” for details.
0 RX FIFO is enabled
1 RX FIFO is disabled
11
CLR_TXF
Clear TX FIFO. CLR_TXF is used to flush the TX FIFO. Writing a ‘1’ to CLR_TXF clears the TX FIFO
Counter. The CLR_TXF bit is always read as zero.
0 Do not clear the TX FIFO Counter
1 Clear the TX FIFO Counter
Table 30-8. DSPI_MCR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com