Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 666 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 666 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 662Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 663Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 664Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 665Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 666Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 667Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 668Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 669Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 670Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 666 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
588
Freescale Semiconductor
Table 30-10. DSPI_CTARn Field Descriptions
Field
Descriptions
31
DBR
Double Baud Rate. The DBR bit doubles the effective baud rate of the Serial Communications Clock
(SCK). This field is only used in Master Mode. It effectively halves the Baud Rate division ratio supporting
faster frequencies and odd division ratios for the Serial Communications Clock (SCK). When the DBR bit
is set, the duty cycle of the Serial Communications Clock (SCK) depends on the value in the Baud Rate
Prescaler and the Clock Phase bit as listed in Table 30-11. See the BR[3:0] field description for details on
how to compute the baud rate. If the overall baud rate is divide by two or divide by three of the system
clock then neither the Continuous SCK Enable or the Modified Timing Format Enable bits should be set.
0 The baud rate is computed normally with a 50/50 duty cycle
1 The baud rate is doubled with the duty cycle depending on the Baud Rate Prescaler
30–27
FMSZ[3:0]
Frame Size. The FMSZ field selects the number of bits transferred per frame. The FMSZ field is used in
Master Mode and Slave Mode. Table 30-12 lists the frame sizes..
26
CPOL
Clock Polarity. The CPOL bit selects the inactive state of the Serial Communications Clock (SCK). This
bit is used in both Master and Slave Mode. For successful communication between serial devices, the
devices must have identical clock polarities. When the Continuous Selection Format is selected, switching
between clock polarities without stopping the DSPI can cause errors in the transfer due to the peripheral
device interpreting the switch of clock polarity as a valid clock edge.
0 The inactive state value of SCK is low
1 The inactive state value of SCK is high
25
CPHA
Clock Phase. The CPHA bit selects which edge of SCK causes data to change and which edge causes
data to be captured. This bit is used in both Master and Slave Mode. For successful communication
between serial devices, the devices must have identical clock phase settings.
0 Data is captured on the leading edge of SCK and changed on the following edge
1 Data is changed on the leading edge of SCK and captured on the following edge
24
LSBFE
LSB First. The LSBFE bit selects if the LSB or MSB of the frame is transferred first. This bit is only used
in Master Mode.
0 Data is transferred MSB first
1 Data is transferred LSB first
23–22
PCSSCK[1:0]
PCS to SCK Delay Prescaler. The PCSSCK field selects the prescaler value for the delay between
assertion of PCS and the first edge of the SCK. This field is only used in Master Mode. The table below
lists the prescaler values. See the CSSCK[3:0] field description for details on how to compute the PCS to
SCK Delay.
PCSSCK
PCS to SCK Delay Prescaler Value
00
1
01
3
10
5
11
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com