Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 665 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 665 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 661Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 662Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 663Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 664Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 665Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 666Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 667Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 668Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 669Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
587
30.11.2.3 DSPI Clock and Transfer Attributes Registers 0–7
(DSPI_CTAR0–DSPI_CTAR7)
The DSPI_CTAR registers are used to define different transfer attribute configurations. SPI transfers select
which one of the DSPI_CTARs to get their transfer attributes from. The number of CTAR registers is
parameterized in the RTL and can be from two to eight registers. The user must not write to the
DSPI_CTAR registers while the DSPI is in the Running state.
In Master Mode, the DSPI_CTAR0 - DSPI_CTAR7 registers define combinations of transfer attributes
such as frame size, clock phase and polarity, data bit ordering, baud rate, and various delays. In Slave
Mode, a subset of the bitfields in the DSPI_CTAR0 and DSPI_CTAR1 registers are used to set the slave
transfer attributes. See the individual bit descriptions for details on which bits are used in Slave Modes.
When the DSPI is configured as an SPI Master, the CTAS field in the command portion of the TX FIFO
entry selects which of the DSPI_CTAR register is used. When the DSPI is configured as an SPI bus Slave,
the DSPI_CTAR0 register is used.
Table 30-9. DSPI_TCR Field Descriptions
Field
Description
31–16
SPI_TCNT[15
:0]
SPI Transfer Counter. SPI_TCNT is used to keep track of the number of SPI transfers made. The
SPI_TCNT field counts the number of SPI transfers the DSPI makes. The SPI_TCNT field is incremented
every time the last bit of a SPI frame is transmitted. A value written to SPI_TCNT presets the counter to
that value. SPI_TCNT is reset to zero at the beginning of the frame when the CTCNT field is set in the
executing SPI command. The Transfer Counter ‘wraps around’ i.e. incrementing the counter past 65535
resets the counter to zero.
15–0
Reserved, should be cleared.
Address: DSPI_BASE + 0xC–DSPI_BASE + 0x28
Access:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
DBR
FMSZ
CPOL CPHA
LSBFE
PCSSCK
PASC
PDT
PBR
W
Reset
0
1
1
1
1
0
0
0
0
0
0
0000
0
15
14
13
12
11
10
9
8
7
6
5
4
3210
R
CSSCK
ASC
DT
BR
W
Reset
0
0
0
0
0
0
0
0
0
0
0
0000
0
Figure 30-5. DSPI Clock and Transfer Attributes Register 0–7 (DSPI_CTAR0–DSPI_CTAR7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com