| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 658 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 658 Page - Freescale Semiconductor, Inc |
|
658 / 976 page ![]() DSPI Module MAC7200 Microcontroller Family Reference Manual, Rev. 2 580 Freescale Semiconductor 30.9.2 Overview The Deserial Serial Peripheral Interface (DSPI) block provides a synchronous serial bus for communication between an MCU and an external peripheral device. The DSPI supports pin count reduction through serialization and deserialization of parallel signals transmitted over the SPI serial link. The DSPIs implemented on MAC72xx have one configuration: • Serial Peripheral interface (SPI) Configuration where the DSPI operates as a basic SPI or as a queued SPI through the use of internal FIFOs. For queued operations the SPI queues reside in system RAM which is external to the DSPI. Data transfers between the queues and the DSPI FIFOs are accomplished through the use of a DMA controller or through host software. Figure 30-2 shows a DSPI with external queues in system RAM. Figure 30-2. DSPI with Queues and DMA 30.9.3 DSPI Configuration The DSPI block used on MAC72xx has one distinct serial transmission configuration: SPI. 30.9.3.1 SPI Configuration The SPI Configuration allows the DSPI to send and receive serial data. This configuration allows the DSPI to operate as a basic SPI block with the FIFOs providing support for external queue operation. Data to be transmitted and data received reside in separate FIFOs. The FIFOs can be popped and pushed by host software or by a DMA controller. 30.9.4 Modes of Operation The DSPI has five modes of operation that can be grouped into two categories: block-specific modes, i.e., Master, Slave, and Module Disable Modes; and MCU-specific modes, i.e., External Stop and Debug Modes. System RAM DSPI DMA Controller TX Queue RX FIFO TX FIFO Shift Register Data Data Addr/Ctrl RX Queue Data Data Addr/Ctrl |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |