Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 653 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 653 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 649Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 650Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 651Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 652Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 653Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 654Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 655Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 656Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 657Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 653 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
575
Chapter 30
Deserial Serial Peripheral Interface (DSPI)
30.1
Introduction to the DSPI on MAC7200
The De-serialization Serial Peripheral Interface (DSPI) block provides a synchronous serial bus for
communication between an MCU and an external peripheral device. On the MAC72xx , the DSPIs operate
only in serial peripheral interface (SPI) configuration, where the DSPI operates as a basic SPI or as a
queued SPI through the use of internal FIFOs.
30.2
DSPI Features
•
Full Duplex, Synchronous Transfers.
•
Master or Slave Operation.
•
Programmable Master Bit Rates.
•
Programmable Clock Polarity and Phase.
•
End-of-Transmission Interrupt Flag.
•
Programmable transfer Baud rate.
•
Programmable data frames from 4-bits to 16-bits.
•
Up to 6 chip select lines enable 64 external devices to be selected using external muxing from a
single DSPI.
•
8 Clock and Transfer Attributes registers.
•
Chip Select Strobe available as alternate function on one of the Chip Select pins for de-glitching.
•
Two dedicated DMA request lines on each peripheral for receive and transmit data.
•
FIFO for buffering up to 4 transfers on the transmit and receive side.
•
Queueing operation possible through use of the DMA controllers channels.
•
General purpose I/O functionality on pins when not used for SPI
On the MAC72xx, the de-serialization feature of the DSPI is not available.
30.3
DSPI Protocol
The SPI bus is a 4-wire serial communications interface used for medium speed (less than 100 MB/s). The
interface consists of the following 4 pins:
•
SCK (Serial Data Clock): Data is shifted/latched on the rising or falling edge of SCK, depending
on value of the CPOL control bit. This signal is bussed (i.e., one signal for all Slaves).
•
MOSI (Master Output/Slave Input): Data is transmitted out of this pin if the chip is a Master and
into this pin if the chip is a Slave. This signal is bused (i.e., 1 signal for all Slaves).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com