Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 648 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 648 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 644Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 645Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 646Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 647Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 648Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 649Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 650Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 651Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 652Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
570
Freescale Semiconductor
Figure 29-16. Flow-Chart of DMA Mode Master Transmit
29.7.2.2
DMA Mode, Master RX
The following flow diagram details the exact operation for using a DMA controller to receive “n” data
bytes from a slave. The first byte (the slave calling address) is always transmitted by the CPU. All
subsequent data bytes (apart from the two last data bytes) can be read by the DMA controller. The last two
data bytes must be transferred by the CPU.
Config I2C for
Master TX
CPU writes calling
address to slave
interrupt
generated
Arb Lost or
No ack ?
CPU handles
condition
yes
no
CPU sets
DMAENABLE
DMA writes 1
ipd_rx_req
generated
DMA written
data ?
(n-1) bytes of
no
yes
CPU clears
DMA enable
interrupt
generated
Start
Generated
byte of data
CPU writes last
data byte
interrupt
generated
CPU clears
MS/SL bit in CR
Stop
generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com