Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 644 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 644 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 640Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 641Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 642Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 643Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 644Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 645Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 646Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 647Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 648Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 644 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
566
Freescale Semiconductor
complete flag as the flag timing is dependent on a number of factors including the I2C bus frequency. This
bit may not conclusively provide an indication of a transfer complete situation. It is recommended that
transfer complete situations are detected using the IBIF flag
Software may service the I2C I/O in the main program by monitoring the IBIF bit if the interrupt function
is disabled. Note that polling should monitor the IBIF bit rather than the TCF bit since their operation is
different when arbitration is lost.
Note that when an interrupt occurs at the end of the address cycle, the master will always be in transmit
mode, i.e. the address is transmitted. If master receive mode is required, indicated by R/W bit in IBDR,
then the Tx/Rx bit should be toggled at this stage.
During slave mode address cycles (IAAS=1) the SRW bit in the status register is read to determine the
direction of the subsequent transfer and the Tx/Rx bit is programmed accordingly. For slave mode data
cycles (IAAS=0) the SRW bit is not valid. The Tx/Rx bit in the control register should be read to determine
the direction of the current transfer.
The following is an example software sequence for 'master transmitter' in the interrupt routine.
clear bit 1, IBSR
// Clear the IBIF flag
if (bit 5, IBCR ==0)
slave_mode()
// run slave mode routine
if (bit 4, IBCR ==0))
receive_mode()
// run receive_mode routine
if (bit 0, IBSR == 1)
// if NO ACK
end();
// end transmission
else
IBDR = data_to_transmit
// transmit next byte of data
29.7.1.4
Generation of STOP
A data transfer ends with a STOP signal generated by the 'master' device. A master transmitter can simply
generate a STOP signal after all the data has been transmitted. The following is an example showing how
a stop condition is generated by a master transmitter.
if (tx_count == 0) or
// check to see if all data bytes have been transmitted
(bit 0, IBSR == 1) {
// or if no ACK generated
clear bit 5, IBCR
// generate stop condition
}
else {
IBDR = data_to_transmit
// write byte of data to DATA register
tx_count --
// decrement counter
}
// return from interrupt
If a master receiver wants to terminate a data transfer, it must inform the slave transmitter by not
acknowledging the last byte of data which can be done by setting the transmit acknowledge bit (TXAK)
before reading the 2nd last byte of data. Before reading the last byte of data, a STOP signal must first be
generated. The following is an example showing how a STOP signal is generated by a master receiver.
rx_count --
// decrease the rx counter
if (rx_count ==1)
// 2nd last byte to be read ?
bit 3, IBCR = 1
// disable ACK
if (rx_count == 0)
// last byte to be read ?
bit 1, IBCR = 0
// generate stop signal
else



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com