Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 641 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 641 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 637Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 638Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 639Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 640Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 641Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 642Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 643Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 644Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 645Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
563
29.6.2.5
Repeated START Signal
As shown in Figure 29-12, a repeated START signal is a START signal generated without first generating
a STOP signal to terminate the communication. This is used by the master to communicate with another
slave or with the same slave in different mode (transmit/receive mode) without releasing the bus.
29.6.2.6
Arbitration Procedure
The Inter-IC bus is a true multi-master bus that allows more than one master to be connected on it. If two
or more masters try to control the bus at the same time, a clock synchronization procedure determines the
bus clock, for which the low period is equal to the longest clock low period and the high is equal to the
shortest one among the masters. The relative priority of the contending masters is determined by a data
arbitration procedure. A bus master loses arbitration if it transmits logic “1” while another master transmits
logic “0”. The losing masters immediately switch over to slave receive mode and stop driving the SDA
output. In this case, the transition from master to slave mode does not generate a STOP condition.
Meanwhile, a status bit is set by hardware to indicate loss of arbitration.
29.6.2.7
Clock Synchronization
Since wire-AND logic is performed on the SCL line, a high-to-low transition on the SCL line affects all
the devices connected on the bus. The devices start counting their low period and once a device's clock has
gone low, it holds the SCL line low until the clock high state is reached. However, the change of low to
high in this device clock may not change the state of the SCL line if another device clock is still within its
low period. Therefore, synchronized clock SCL is held low by the device with the longest low period.
Devices with shorter low periods enter a high wait state during this time (see Figure 29-14). When all
devices concerned have counted off their low period, the synchronized clock SCL line is released and
pulled high. There is then no difference between the device clocks and the state of the SCL line and all the
devices start counting their high periods. The first device to complete its high period pulls the SCL line
low again.
Figure 29-14. I2C Bus Clock Synchronization
SCL1
SCL2
SCL
Internal Counter Reset
WAIT
Start Counting High Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com