Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 643 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 643 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 639Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 640Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 641Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 642Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 643Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 644Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 645Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 646Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 647Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
565
29.7
Initialization/Application Information
29.7.1
I2C Programming Examples
29.7.1.1
Initialization Sequence
Reset will put the I2C Bus Control Register to its default state. Before the interface can be used to transfer
serial data, an initialization procedure must be carried out, as follows:
1. Update the Frequency Divider Register (IBFD) and select the required division ratio to obtain SCL
frequency from system clock.
2. Update the I2C Bus Address Register (IBAD) to define its slave address.
3. Clear the IBDIS bit of the I2C Bus Control Register (IBCR) to enable the I2C interface system.
4. Modify the bits of the I2C Bus Control Register (IBCR) to select Master/Slave mode,
Transmit/Receive mode and interrupt enable or not. Optionally also modify the bits of the I2C Bus
Interrupt Config Register (IBIC) to further refine the interrupt behaviour.
29.7.1.2
Generation of START
After completion of the initialization procedure, serial data can be transmitted by selecting the 'master
transmitter' mode. If the device is connected to a multi-master bus system, the state of the I2C Bus Busy
bit (IBB) must be tested to check whether the serial bus is free.
If the bus is free (IBB=0), the start condition and the first byte (the slave address) can be sent. The data
written to the data register comprises the slave calling address and the LSB, which is set to indicate the
direction of transfer required from the slave.
The bus free time (i.e., the time between a STOP condition and the following START condition) is built
into the hardware that generates the START cycle. Depending on the relative frequencies of the system
clock and the SCL period, it may be necessary to wait until the I2C is busy after writing the calling address
to the IBDR before proceeding with the following instructions. This is illustrated in the following example.
An example of the sequence of events which generates the START signal and transmits the first byte of
data (slave address) is shown below:
while (bit 5, IBSR ==1)// wait in loop for IBB flag to clear
bit4 and bit 5, IBCR = 1// set transmit and master mode, i.e. generate start condition
IBDR = calling_address// send the calling address to the data register
while (bit 5, IBSR ==0)// wait in loop for IBB flag to be set
29.7.1.3
Post-Transfer Software Response
Transmission or reception of a byte will set the data transferring bit (TCF) to 1, which indicates one byte
communication is finished. The I2C Bus interrupt bit (IBIF) is set also; an interrupt will be generated if the
interrupt function is enabled during initialization by setting the IBIE bit. The IBIF (interrupt flag) can be
cleared by writing 1 (in the interrupt service routine, if interrupts are used).
The TCF bit will be cleared to indicate data transfer in progress by reading the IBDR data register in
receive mode or writing the IBDR in transmit mode. The TCF bit should not be used as a data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com