Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 642 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 642 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 638Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 639Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 640Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 641Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 642Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 643Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 644Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 645Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 646Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
564
Freescale Semiconductor
29.6.2.8
Handshaking
The clock synchronization mechanism can be used as a handshake in data transfer. Slave devices may hold
the SCL low after completion of one byte transfer (9 bits). In such cases, it halts the bus clock and forces
the master clock into wait state until the slave releases the SCL line.
29.6.2.9
Clock Stretching
The clock synchronization mechanism can be used by slaves to slow down the bit rate of a transfer. After
the master has driven SCL low, the slave can drive SCL low for the required period and then release it. If
the slave SCL low period is greater than the master SCL low period then the resulting SCL bus signal low
period is stretched.
29.6.3
Interrupts
29.6.3.1
General
The I2C_DMA uses only one interrupt vector.
29.6.3.2
Interrupt Description
There are five types of internal interrupts in the I2C. The interrupt service routine can determine the
interrupt type by reading the Status Register.
I2C Interrupt can be generated on
•
Arbitration Lost condition (IBAL bit set)
•
Byte Transfer condition (TCF bit set and DMAEN bit not set)
•
Address Detect condition (IAAS bit set)
•
No Acknowledge from slave received when expected
•
Bus Going Idle (IBB bit not set)
The I2C interrupt is enabled by the IBIE bit in the I2C Control Register. It must be cleared by writing ‘1’
to the IBIF bit in the interrupt service routine. The Bus Going Idle interrupt needs to be additionaly enabled
by the BIIE bit in the IBIC register.
Table 29-11. Interrupt Summary
Interrupt
Offset
Vector Priority
Source
Description
I2C
Interrupt
———
IBAL, TCF,
IAAS, IBB bits in
IBSR register
When any of IBAL, TCF or IAAS bits is set an interrupt may
be caused based on Arbitration lost, Transfer Complete or
Address Detect conditions. If enabled by BIIE, the
deassertion of IBB can also cause an interrupt, indicating
that the bus is idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com