Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 671 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 671 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 667Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 668Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 669Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 670Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 671Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 672Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 673Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 674Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 675Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
593
Address: DSPI_BASE + 0x2C
Access:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
TCF
TXRXS
0
EOQF TFUF
0
TFFF
00
0
0
0
RFOF
0
RFDF
0
W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
000
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
TXCTR
TXNXTPTR
RXCTR
POPNXTPTR
W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
000
0
Figure 30-6. DSPI Status Register (DSPI_SR)
Table 30-17. DSPI_SR Field Descriptions
Field
Description
31
TCF
Transfer Complete Flag. The TCF bit indicates that all bits in a frame have been shifted out. The TCF bit
is set at the end of the frame transfer. The TCF bit remains set until cleared by software.
0 Transfer not complete
1Transfer complete
30
TXRXS
TX & RX Status. The TXRXS bit reflects the status of the DSPI. See Section 30.12.2, “Start and Stop of
DSPI Transfers,” for information on how what causes this bit to be negated or asserted.
0 TX and RX operations are disabled (DSPI is in STOPPED state)
1 TX and RX operations are enabled (DSPI is in RUNNING state)
29
Reserved, should be cleared.
28
EOQF
End of Queue Flag. The EOQF bit indicates that transmission in progress is the last entry in a queue. The
EOQF bit is set when TX FIFO entry has the EOQ bit set in the command halfword and the end of the
transfer is reached. The EOQF bit remains set until cleared by software. When the EOQF bit is set, the
TXRXS bit is automatically cleared.
0 EOQ is not set in the executing command
1 EOQ bit is set in the executing SPI command
27
TFUF
Transmit FIFO Underflow Flag. The TFUF bit indicates that an underflow condition in the TX FIFO has
occurred. The transmit underflow condition is detected only for DSPI blocks operating in slave mode and
SPI configuration. The TFUF bit is set when the TX FIFO of a DSPI operating in SPI slave mode is empty,
and a transfer is initiated by an external SPI master. The TFUF bit remains set until cleared by software.
0 TX FIFO underflow has not occurred
1 TX FIFO underflow has occurred
26
Reserved, should be cleared.
25
TFFF
Transmit FIFO Fill Flag. The TFFF bit provides a method for the DSPI to request more entries to be added
to the TX FIFO. The TFFF bit is set while the TX FIFO is not full. The TFFF bit can be cleared by host
software or an acknowledgement from the DMA controller when the TX FIFO is full.
0 TX FIFO is full
1 TX FIFO is not full
24–20
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com