Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 705 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 705 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 701Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 702Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 703Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 704Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 705Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 706Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 707Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 708Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 709Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 976 page
background image
eSCI Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
627
31.2
eSCI Features
The SCI modules will often be used on the MAC72xx as LIN Masters, with the main functionality being
polling of several nodes on a LIN bus. There is currently no requirement for IrDA on the MAC72xx. The
eSCI has the following features:
•
Memory Map: 32-bit peripheral with 8 bytes, byte/halfword/word addressable
•
Standard Non return-to-Zero (NRZ) Mark/Space Format.
•
Full-Duplex Operation.
•
Software Selectable Word Length (8-bit or 9-bit words).
•
10/11 or 13/14 bit Break Character possible.
•
13-Bit Programmable Baud-Rate Modulus Counter.
•
Separately Enabled Transmitter and Receiver.
•
Separate receiver and transmitter CPU interrupt requests.
•
Programmable transmitter output polarity.
•
Two receiver wake up methods:
— Idle line walk-up
— Address mark walk-up
•
Interrupt-driven operation with eight flags:
— Transmitter empty
— Transmission complete
— Receiver full
— Idle receiver input
— Receiver overrun
— Noise error
— Framing error
— Parity error
•
Receiver framing error detection.
•
Hardware Parity Checking.
•
1/16 bit time noise reduction.
•
LIN Master mode state machine
— Supports generation of LIN message header.
— Detection and flagging of LIN errors.
•
Two DMA request lines on each peripheral for receive and transmit data.
31.2.1
LIN support
The eSCI provides the following LIN features:
•
LIN Master Node functionality (master and slave task)
•
Compatible with LIN slaves from revisions 1.x and 2.0 of the LIN standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com