Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 708 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 708 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 704Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 705Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 706Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 707Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 708Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 709Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 710Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 711Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 712Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 708 / 976 page
background image
eSCI Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
630
Freescale Semiconductor
•
Bus Idle Timeout (TTIME_OUT)
25,000 bits
31.4
eSCI Implementation
The eSCI used on the MAC72xx is identical to the eSCI used on the MAC71xx family of devices, except
for the bug fixes and enhancements listed in Section 31.7, “eSCI Differences from MAC71xx.
31.5
eSCI External Pins
31.5.1
SCI Transmit Pin (TXD_A, TXD_B)
These pins serve as transmit data outputs of eSCI_A and eSCI_B.
31.5.2
SCI Receive Pin (RXD)
These pins serve as receive data inputs of eSCI_A and eSCI_B.
31.6
eSCI Bus Aborts
The SCI module supports Peripheral Bus bus aborts, and enforces the following memory map:
Supervisor Access: Unused.
NOTE
Reserved register space inside the “allowed” address range will return $00
for READs, and WRITEs will be ignored.
31.7
eSCI Differences from MAC71xx
•
Added Fast bit error detection in LIN
— Added FBR bit in the SCICR3 register
— Added BESM13 and SBSTP bits in the SCICR4 register
•
Fixed MUCts01378: Fast bit error detection raised RXRDY
•
Fixed MUCts01644: Write on bus abort still writes the register
Table 31-1. eSCI External Pins
TXD_A, TXD_B
Serial Data Transmit
RXD_A, RXD_B
Serial Data Receive
Table 31-2. eSCI Bus Aborts
Abort
Allowed
$0000-$001f
$0020-$3fff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com