Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 710 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 710 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 706Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 707Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 708Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 709Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 710Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 711Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 712Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 713Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 714Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 710 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
632
Freescale Semiconductor
NOTE
Reserved registers will read 00h.
0xE
LIN Control Register 3 (LINCTRL3)
Read/Write
0xF
Reserved
––
0x10
LIN TX Register (LINTX)
Write
0x11–0x13
Reserved
––
0x14
LIN RX Register (LINRX)
Read
0x15–0x17
Reserved
––
0x18
LIN CRC Polynom Register 1 (LINCRCP1)
Read/Write
0x19
LIN CRC Polynom Register 2 (LINCRCP2)
Read/Write
0x1A–0x1F
Reserved
––
Table 31-4. eSCI Register Quick Reference
Register name
Bit 7
6
5
4321
Bit 0
Addr. offset
SCIBDH
(bit 31-24)
Read:
0
0
0
SBR12
SBR11
SBR10
SBR9
SBR8
0x0
Write:
SCIBDL
(bit 23-16)
Read:
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
0x1
Write:
SCICR1
(bit 15-8)
Read:
LOOPS
SCISDOZ
RSRC
M
WAKE
ILT
PE
PT
0x2
Write:
SCICR2
(bit 7-0)
Read:
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
0x3
Write:
SCICR3
(bit 31-24)
Read:
MDIS
FBR
BSTP
IEBERR
RXDMA
TXDMA
BRK13
TXDIR
0x4
Write:
SCICR4
(bit 23-16)
Read:
BESM13
SBSTP
0
PMSK
ORIE
NFIE
FEIE
PFIE
0x5
Write:
SCIDRH
(bit 15-8)
Read:
R8
T8
0
00000
0x6
Write:
Table 31-3. eSCI Memory Map (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com