Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 712 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 712 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 708Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 709Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 710Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 711Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 712Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 713Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 714Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 715Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 716Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
634
Freescale Semiconductor
NOTE
Registers which belong to the same 32-bit word can be accessed together
with one 32-bit access - registers which belong to the same 16-bit word can
be accessed together with one 16-bit access. (E.g. SCIDRH/L can be
accessed with 16-bit reads and 16-bit writes.)
31.9.2
Register Descriptions
This section consists of register descriptions in address order. Each description includes a standard register
diagram with an associated figure number. Writes to a reserved register location do not have any effect and
reads of these locations return a zero. Details of register bit and field function follow the register diagrams,
in bit order.
NOTE
Before accessing the registers the module must be enabled by writing the
MDIS bit in the SCI control register 3.
31.9.2.1
SCI Baud Rate Registers
The SCI Baud Rate Register is used to select the baud rate of the SCI. The formula for calculating the baud
rate is:
SCI baud rate = SCI module clock / (16 x BR),
where BR is the content of the SCI baud rate registers, bits SBR12 through SBR0. The baud rate registers
can contain a value from 1 to 8191.
Read: anytime. If only SCIBDH is written to, a read will not return the correct data until SCIBDL is written
to as well, following a write to SCIBDH.
Write: anytime
LINCRCP2
(bit 23-16)
Read:
P7
P6
P5
P4
P3
P2
P1
P0
0x19
Write:
Address Offset: 0x0
Access: User read/write
765
43210
R
000
SBR12
SBR11
SBR10
SBR9
SBR8
W
Reset
00000000
Figure 31-2. SCI Baud Rate Register High (SCIBDH)
Table 31-4. eSCI Register Quick Reference (Continued)
Register name
Bit 7
6
5
4321
Bit 0
Addr. offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com