Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 714 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 714 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 710Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 711Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 712Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 713Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 714Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 715Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 716Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 717Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 718Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
636
Freescale Semiconductor
5
RSRC
Receiver Source Bit. When LOOPS = 1, the RSRC bit determines the source for the receiver shift register
input.
0 Receiver input internally connected to transmitter output
1 Receiver input connected externally to transmitter
4
M
Data Format Mode Bit . MODE determines whether data characters are eight or nine bits long.
0 One start bit, eight data bits, one stop bit
1 One start bit, nine data bits, one stop bit
3
WAKE
Wakeup Condition Bit. WAKE determines which condition wakes up the eSCI: a logic 1 (address mark)
in the most significant bit position of a received data character or an idle condition on the RXD.
0 Idle line wakeup
1 Address mark wakeup
Note: This is not a wakeup out of a power-save mode, it refers solely to the receiver standby mode.
2
ILT
Idle Line Type Bit. ILT determines when the receiver starts counting logic 1s as idle character bits. The
counting begins either after the start bit or after the stop bit. If the count begins after the start bit, then a
string of logic 1s preceding the stop bit may cause false recognition of an idle character. Beginning the
count after the stop bit avoids false idle character recognition, but requires properly synchronized
transmissions.
0 Idle character bit count begins after start bit
1 Idle character bit count begins after stop bit
1
PE
Parity Enable Bit. PE enables the parity function. When enabled, the parity function inserts a parity bit in
the most significant bit position of the transmit data. On receive data it will verify the parity bit in the most
significant bit position. The received parity bit will not be masked out, however.
0 Parity function disabled
1 Parity function enabled
0
PT
Parity Type Bit. PT determines whether the eSCI generates and checks for even parity or odd parity. With
even parity, an even number of 1s clears the parity bit and an odd number of 1s sets the parity bit. With
odd parity, an odd number of 1s clears the parity bit and an even number of 1s sets the parity bit.
0 Even parity
1 Odd parity
Table 31-6. SCICR1 Field Descriptions (Continued)
Field
Description
LOOPS
RSRC
Function
0
x
Normal operation
1
0
Loop mode with Rx input internally connected to Tx output
1
1
Single-wire mode with Rx input connected to TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com