Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 718 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 718 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 714Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 715Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 716Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 717Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 718Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 719Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 720Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 721Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 722Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 718 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
640
Freescale Semiconductor
NOTES
If the value of T8 is the same as in the previous transmission, T8 does not
have to be rewritten.The same value is transmitted until T8 is rewritten
In 8-bit data format, only SCI data register low (SCIDRL) needs to be
accessed.
When transmitting in 9-bit data format and using 8-bit write instructions,
write first to SCI data register high (SCIDRH), then SCIDRL.
To increase performance when using 9-bit data format, it is recommended
to access the register with 16-bit reads and writes.
This register should not be used in LIN mode, writes to the register will be
blocked in LIN mode.
Even if parity generation/checking is enabled via PE in the SCICR1 register,
the parity bit will not be masked out. The bit 7 of the received data will be
masked out if the PMSK bit in SCICR4 is set, however.
31.9.2.7
SCI Status Register 1
The SCISR1 and SCISR2 registers indicate the current status. The status flags can be polled, and can also
be used to generate interrupts. The flags can be cleared by writing a 1 to them.
Address Offset: 0x7
Access: User read/write
765
43210
R
R7R6R5R4R3R2R1R0
W
T7
T6
T5
T4
T3
T2
T1
T0
Reset
00000000
Figure 31-9. SCI Data Register Low (SCIDRL)
Table 31-10. SCIDRH/L Field Descriptions
Field
Description
7
R8
Received Bit 8. R8 is the ninth data bit received when the eSCI is configured for 9-bit data format (M = 1).
6
T8
Transmit Bit 8. T8 is the ninth data bit transmitted when the eSCI is configured for 9-bit data format (M = 1).
5–0
Reserved, should be cleared.
7–0
Rn
Received bits seven through zero for 9-bit or 8-bit data formats
7–0
Tn
Transmit bits seven through zero for 9-bit or 8-bit formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com