Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 715 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 715 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 711Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 712Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 713Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 714Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 715Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 716Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 717Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 718Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 719Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
637
31.9.2.3
SCI Control Register 2
Address Offset: 0x3
Access: User read/write
765
43210
R
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
W
Reset
00000000
Figure 31-5. SCI Control Register 2 (SCICR2)
Table 31-7. SCICR2 Field Descriptions
Field
Description
7
TIE
Transmitter Interrupt Enable Bit. TIE enables the transmit data register empty flag TDRE to generate
interrupt requests.
0 TDRE interrupt requests disabled
1 TDRE interrupt requests enabled
6
TCIE
Transmission Complete Interrupt Enable Bit. TCIE enables the transmission complete flag TC to generate
interrupt requests.
0 TC interrupt requests disabled
1 TC interrupt requests enabled
5
RIE
Receiver Full Interrupt Enable Bit. RIE enables the receive data register full flag RDRF to generate
interrupt requests.
0 RDRF interrupt requests disabled
1 RDRF interrupt requests enabled
4
ILIE
Idle Line Interrupt Enable Bit. ILIE enables the idle line flag IDLE to generate interrupt requests.
0 IDLE interrupt requests disabled
1 IDLE interrupt requests enabled
3
TE
Transmitter Enable Bit. TE enables the eSCI transmitter and configures the TXD pin as being controlled
by the eSCI. The TE bit can be used to queue an idle preamble.
0 Transmitter disabled
1 Transmitter enabled
2
RE
Receiver Enable Bit. RE enables the eSCI receiver. RE can be cleared to discard the current frame.
0 Receiver disabled
1 Receiver enabled
1
RWU
Receiver Wakeup Bit. Standby state.
0 Normal operation.
1 RWU enables the wakeup function and inhibits further receiver interrupt requests. Normally, hardware
wakes the receiver by automatically clearing RWU (see Section 31.10.5.6, “Receiver Wakeup”).
0
SBK
Send Break Bit. Toggling SBK sends one break character (10 or 11 logic 0s, respectively 13 or 14 logics
0s if BRK13 is set). Toggling implies clearing the SBK bit before the break character has finished
transmitting. As long as SBK is set, the transmitter continues to send complete break characters (10 or
11 bits, respectively 13 or 14 bits).
0 No break characters
1 Transmit break characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com