Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 719 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 719 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 715Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 716Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 717Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 718Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 719Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 720Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 721Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 722Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 723Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 719 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
641
Address Offset: 0x8
Access: User read (write to clear)
765
43210
R
TDRE
TC
RDRF
IDLE
OR
NF
FE
PF
W
Reset
00000000
Figure 31-10. SCI Status Register 1 (SCISR1)
Table 31-11. SCISR1 Field Descriptions
Field
Description
7
TDRE
Transmit Data Register Empty Flag. TDRE is being set when the transmit data register (SCIDRH/L)
becomes empty and can receive a new value to transmit. TDRE is 0 immediately after reset, a short time
after the module is turned on (setting MDIS=0) the eSCI will become ready, and TDRE will be set. Clear
TDRE by writing it with 1.
6
TC
Transmit Complete Flag. TC is being set after a byte of data, a preamble, or a break character has been
transmitted and no data is queued via the SCI Data Register (SCIDR, Figure 31-9). When TC is set it
indicates that the TXD out signal has become idle (logic 1). Clear TC by writing it with 1.
After the device is switched on (by clearing the MDIS bit, see SCICR3 Figure 31-6) a preamble is
transmitted - if no byte is written to the the SCI Data Register then the completion of the preamble can be
monitored using the TC flag.
5
RDRF
Receive Data Register Full Flag. RDRF is being set when the SCI data register is loaded with new
received data. Clear RDRF by writing it with 1.
4
IDLE
Idle Line Flag. IDLE is being set when 10 consecutive logic 1s (if M=0) or 11 consecutive logic 1s (if M=1)
have appeared on the receiver input. Once the IDLE flag is cleared, a valid frame must again set the
RDRF flag before an idle condition can set the IDLE flag. Clear IDLE by writing it with 1.
Note: When the receiver wakeup bit (RWU) is set, an idle line condition does not set the IDLE flag.
3
OR
Overrun Flag. OR is set when software fails to read the SCI data register before the receive shift register
receives the next frame. The OR bit is set immediately after the stop bit has been completely received for
the second frame. The data in the shift register is lost, but the data already in the SCI data registers is not
affected. Clear OR by writing it with 1.
2
NF
Noise Flag. NF is set when the eSCI detects noise on the receiver input. NF bit is set during the same
cycle as the RDRF flag but does not get set in the case of an overrun. Clear NF by writing it with 1.
1
FE
Framing Error Flag. FE is set when a logic 0 is accepted as the stop bit. FE bit is set during the same
cycle as the RDRF flag but does not get set in the case of an overrun. Clear FE by writing it with 1.
Note: In LIN mode this bit will not be set when break characters are transmitted.
0
PF
Parity Error Flag. PF is set when the parity enable bit PE is set and the parity of the received data does
not match its parity bit. Clear PF by writing it with 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com