Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 720 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 720 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 716Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 717Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 718Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 719Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 720Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 721Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 722Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 723Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 724Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
642
Freescale Semiconductor
31.9.2.8
SCI Status Register 2
31.9.2.9
LIN Status Register 1
Address Offset: 0x9
Access: User read/write (write to clear)
765
43210
R
000
BERR
000
RAF
W
Reset
00000000
Figure 31-11. SCI Status Register 2 (SCISR2)
Table 31-12. SCISR2 Field Descriptions
Field
Description
7–5
Reserved, should be cleared.
4
BERR
Bit Error. Indicates a Bit on the bus did not match the transmitted Bit. Checking happens after a complete
byte has been transmitted and received again. (A Bit Error will cause the LIN FSM to reset.) This bit is
only used for LIN mode.
If an unrequested byte is received (i.e. a byte which is not part of an RX frame) which is not recognized
as a wakeup flag then this flag is also set. (Since the data on the RX line does not match the idle state
which was assigned to the TX line.)
The flag is set when the condition is detected, cleared by a write with 1.
3–1
Reserved, should be cleared.
0
RAF
Receiver Active Flag. RAF is set when the receiver detects a logic 0 during the RT1 time period of the
start bit search. RAF is cleared when the receiver detects an idle character.
Writing RAF has no
effect
0 No reception in progress
1 Reception in progress
Address Offset: 0xA
Access: User read/write (write to clear)
765
43210
R
RXRDY
TXRDY
LWAKE
STO
PBERR
CERR
CKERR
FRC
W
Reset
00000000
Figure 31-12. LIN Status Register 1 (LINSTAT1)
Table 31-13. LINSTAT1 Field Descriptions
Field
Description
7
RXRDY
Receive Data Ready. The eSCI has received LIN data. This bit is set when the LINRX register receives a
byte. Clear RXRDY by writing it with 1.
6
TXRDY
Transmit Data Ready. The LIN FSM can accept another write to LINTX. This bit is set when the LINTX
register becomes free. TXRDY is 0 immediately after reset, a short time after the module is turned on
(setting MDIS=0) the eSCI will become ready, and TXRDY will be set. Clear TXRDY by writing it with 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com