Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 724 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 724 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 720Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 721Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 722Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 723Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 724Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 725Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 726Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 727Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 728Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 724 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
646
Freescale Semiconductor
31.9.2.12 LIN TX Register
The first byte written to the register selects the transmit address, the second byte determines the frame
length, the third and fourth byte set various frame options and determine the timeout counter. (Header
parity will be automatically generated if the PRTY bit is set.) For TX frames the fourth byte (bits T7 - T0)
will be skipped, since the timeout function does not apply. All following bytes are data bytes for the frame.
CRC and Checksum bytes will be automatically appended when the appropriate options are selected.
When a Bit error is detected an interrupt is set, and the transmission aborted. The register can only be
written again once the interrupt is cleared. Afterwards a new frame starts, and the first byte needs to
contain a header again.
Additionally it is possible to flush the LINTX register by writing to the LRES bit.
NOTE
Not all values written to the LINTX registers will generate valid LIN frames. The values need to be
Address Offset: 0xE
Access: User read/write (with no ongoing transmissions)
765
43210
R
000000
UQIE
OFIE
W
Reset
00000000
Figure 31-16. LIN Control Register 3 (LINCTRL3)
Table 31-17. LINCTRL3 Field Descriptions
Field
Description
7–2
Reserved, should be cleared.
1
UQIE
Unrequested Data Interrupt Enable. Generates an Interrupt when unrequested data has been observed
on the LIN bus.
0
OFIE
Overflow Interrupt Enable. Generates an Interrupt when a data byte in the LINRX register hasn’t been
read before the next databyte is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com