Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 726 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 726 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 722Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 723Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 724Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 725Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 726Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 727Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 728Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 729Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 730Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 726 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
648
Freescale Semiconductor
31.9.2.13 LIN RX Register
NOTE
The application software must ensure that LINRX is read before new Bytes
(data Bytes, CRC or checksum Bytes) are received from the LIN bus.
Similarly if data is available in LINRX, the register must be read before
starting a new frame.
Tn
Timeout Bit n. Sets the counter to determine a NO_RESPONSE_ERROR, if the frame is a read access
to a LIN slave - according to LIN standard rev 1.3 the value needs to be
Eqn. 31-2
The counter value represent the maximum time available for a complete RX frame (please refer to the LIN
specification for details). For transmissions the accessible timeout bits have to be set to 0. The timeout
bits 7-0 will not be written on a TX frame, at all. So for TX frames the 4th byte written to the TX register is
the first data byte, for RX it contains timeout bits 7-0. The time is specified in multiples of Bit times. The
timeout period starts with the transmission of the LIN break character.
Dn
Data Bit n. Data bits for transmission.
Address Offset: 0x14
Access: User read (when RXRDY is set)
765
43210
R
D7
D6
D5
D4
D3
D2
D1
D0
W
Reset
00000000
Figure 31-18. LIN RX Register (LINRX)
Table 31-19. LINRX Field Descriptions
Field
Description
7–0
Dn
Data Bit n. This register will provide received data bytes from RX frames. It is only valid when the RXRDY
flag is set, CRC and checksum information will not be available in the RX register unless they are treated
as data. It is possible to treat CRC and checksum bytes as data, by deactivating the CSUM respectively
CRC control bits in the LINTX register - however then CRC and CSUM checking has to be performed by
software.
Table 31-18. LINTX Field Descriptions (Continued)
Field
Description
10 N
DATA
45
+
⋅
() 1.4
×
N
DATA is the number of data bytes in the frame )
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com