Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 728 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 728 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 724Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 725Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 726Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 727Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 728Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 729Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 730Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 731Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 732Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 728 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
650
Freescale Semiconductor
Figure 31-21. eSCI Block Diagram
31.10.2 Data Format
The eSCI uses the standard NRZ mark/space data format illustrated in Figure 31-22 below.
Figure 31-22. SCI Data Formats
Each data character is contained in a frame that includes a start bit, eight or nine data bits, and a stop bit.
Clearing the M bit in SCI control register 1 configures the eSCI for 8-bit data characters.A frame with eight
data bits has a total of 10 bits. Setting the M bit configures the eSCI for nine-bit data characters. A frame
with nine data bits has a total of 11 bits.
SCI DATA
RECEIVE
SHIFT REGISTER
SCI DATA
REGISTER
TRANSMIT
SHIFT REGISTER
REGISTER
BAUD RATE
GENERATOR
SBR12–SBR0
BUS
TRANSMIT
CONTROL
÷16
RECEIVE
AND WAKEUP
DATA FORMAT
CONTROL
CONTROL
T8
PF
FE
NF
RDRF
IDLE
TIE
OR
TCIE
TDRE
TC
R8
RAF
LOOPS
RWU
RE
PE
ILT
PT
WAKE
M
CLOCK
ILIE
RIE
RXD
RSRC
SBK
LOOPS
TE
RSRC
TXD
IRQ
TO CPU
BIT 5
START
BIT
BIT 0
BIT 1
NEXT
STOP
BIT
START
BIT
9-BIT DATA FORMAT
BIT 2
BIT 3
BIT 4
BIT 6
BIT 7
PARITY
OR DATA
BIT
PARITY
OR DATA
BIT
BIT M IN SCICR1 SET
8-BIT DATA FORMAT
BIT M IN SCICR1 CLEAR
BIT 5
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 6
BIT 7
BIT 8
STOP
BIT
NEXT
START
BIT
START
BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com