Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 729 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 729 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 725Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 726Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 727Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 728Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 729Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 730Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 731Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 732Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 733Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 729 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
651
When the eSCI is configured for 9-bit data characters, the ninth data bit is the T8 bit in SCI data register
high (SCIDRH). It remains unchanged after transmission and can be used repeatedly without rewriting it.
A frame with nine data bits has a total of 11 bits.
31.10.3 Baud Rate Generation
A 13-bit modulus counter in the baud rate generator derives the baud rate for both the receiver and the
transmitter. The value from 0 to 8191 written to the SBR12–SBR0 bits determines the module clock
divisor. The SBR bits are in the SCI baud rate registers (SCIBDH and SCIBDL). The baud rate clock is
synchronized with the bus clock and drives the receiver. The baud rate clock divided by 16 drives the
transmitter. The receiver has an acquisition rate of 16 samples per bit time.
Baud rate generation is subject to one source of error:
•
Integer division of the module clock may not give the exact target frequency.
Figure 31-23 lists some examples of achieving target baud rates with a module clock frequency of
10.2 MHz.
Eqn. 31-3
Table 31-21. Example of 8-bit Data Formats
Start
Bit
Data
Bits
Address
Bits
Parity
Bits
Stop
Bit
1
8001
1
7011
17
11
1. The address bit identifies the frame as an address
character. See Section 31.10.5.6, “Receiver Wakeup.”
01
Table 31-22. Example of 9-Bit Data Formats
Start
Bit
Data
Bits
Address
Bits
Parity
Bits
Stop
Bit
1
9001
1
8011
18
11
1. The address bit identifies the frame as an address
character. See Section 31.10.5.6, “Receiver Wakeup.”
01
Table 31-23. Baud Rates (Example: Module Clock = 10.2 Mhz)
Bits
SBR[12-0]
Receiver
Clock (Hz)
Transmitter
Clock (Hz)
Target Baud
Rate
Error
(%)
17
600,000.0
37,500.0
38,400
2.3
33
309,090.9
19,318.2
19,200
.62
SCI baud rate
SCI module clock
16
SCIBR 12:0
[]
×
-------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com