Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 725 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 725 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 721Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 722Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 723Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 724Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 725Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 726Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 727Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 728Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 729Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
647
determined according to the LIN specification.
Address Offset: 0x10
Access: User write (when TXRDY is set)
Byte
765
43210
R
First W
P1
P0
ID5
ID4
ID3
ID2
ID1
ID0
Second W
L7
L6
L5
L4
L3
L2
L1
L0
Third W
HDCHK
CSUM
CRC
TX
T11
T10
T9
T8
Fourth W
T7
T6
T5
T4
T3
T2
T1
T0
Fifth+ W
D7
D6
D5
D4
D3
D2
D1
D0
Reset
00000000
Figure 31-17. LIN TX Register (LINTX)
Table 31-18. LINTX Field Descriptions
Field
Description
IDn
Header Bit n. The LIN address, for LIN 1.x standard frames the length bits need to be set appropriately
(see the table below), extended frames will be recognized by their specific patterns.
Note: The values 3C, 3D, 3E and 3F of the ID-field (ID0-5) indicate command and extended frames.
Pn
Parity Bit n. When enabled, the parity bits can be generated automatically (PRTY bit in register
LINCTRL1, see Figure 31-16). Otherwise they can be provided here.
Ln
Length Bit n. Defines the length of the frame - 0 to 255 data bytes - this information is needed by the LIN
state machine in order to insert the checksum or CRC pattern as required. LIN 1.x slaves will only accept
frames with 2, 4 or 8 data bytes.
HDCHK
Header Checksum Enable. Include the header fields into the mod 256 checksum of the standard frames.
CSUM
Checksum Enable. Append a checksum byte to the end of a TX frame - verify the checksum byte of a RX
frame.
CRC
CRC Enable. Append two CRC bytes to the end of a TX frame - verify the two CRC bytes of a RX frame
are correct. If both CSUM and CRC bits are set, the LIN FSM will first append the CRC bytes, then the
checksum byte, and will expect them in this order, as well. If HDCHK is set, the CRC calculation will
include header and data bytes, otherwise just the data bytes. CRC bytes are not part of the LIN standard
- they are normal data bytes and belong to a higher-level protocol.
TX
Transmit Direction. Indicates a TX frame i.e. the eSCI will transmit data to a slave. Otherwise an RX frame
will be assumed, and the eSCI will only transmit the header, the data bytes will be received from the slave.
0RX frame
1TX frame
ID5
ID4
data bytes
00
2
01
2
10
4
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com