Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 722 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 722 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 718Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 719Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 720Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 721Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 722Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 723Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 724Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 725Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 726Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
644
Freescale Semiconductor
31.9.2.11 LIN Control Registers
1
UREQ
Unrequested Data on LIN Bus. Unrequested activity has been detected on the LIN bus. Since the eSCI
is used as a master node, this is normally an error condition. The flag is not set if the activity is identified
as a wakeup or break character. In addition the RXRDY flag will also be set, the LINRX register must be
read before normal operations can proceed. The flag is set when the condition is detected, cleared by a
write with 1.
0
OVFL
RX Register Overflow. The RX register hasn’t been read before a new data byte, CRC or checksum byte
has been received from the LIN bus. The flag is set when the condition is detected, cleared by a write with
1.
Address Offset: 0xC
Access: User read/write (with no ongoing transmissions)
765432
1
0
R
LRES
0
WUD1
WUD0
LDBG
DSF
PRTY
LIN
WWU
Reset
000000
0
0
Figure 31-14. LIN Control Register 1 (LINCTRL1)
Table 31-15. LINCTRL1 Field Descriptions
Field
Description
7
LRES
LIN Resync. Causes the LIN protocol engine to return to start state. This happens automatically after bit
errors, but software can force that behaviour manually via this bit. The bit needs to be first set then
cleared, so that the protocol engine is operational again. Status flags will not be affected by this bit and
will need to be cleared manually, if desired.
6
WU
LIN Bus WakeUp. Generates a wakeup signal on the LIN bus. This needs to be send before a
transmission, if the bus is in sleep mode, e.g. because it has been idle for 25000 bit times. This bit will
auto-clear, so a read from this bit will always return 0. When using this feature the guidelines in
Section 31.10.11.5, “LIN Wakeup,” should be noted.
5–4
WUDn
WakeUp Delimiter Time. Determines how long the LIN engine waits after generating a wakeup signal,
before starting a new frame. The eSCI will not set TXRDY before this time expires. Note that in addition
to this delimiter time, the CPU and the eSCI will require some setup time to start a new transmission,
typically there’ll be an additional bit time delay.
3
LDBG
LIN Debug Mode. Prevents the LIN FSM from automatically resetting, after an exception (Bit Error,
Physical Bus Error, Wakeup Flag) has been detected. This is for debug purposes only.
Table 31-14. LINSTAT2 Field Descriptions (Continued)
Field
Description
WUD1
WUD0
bit times
00
4
01
8
10
32
11
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com