Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 721 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 721 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 717Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 718Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 719Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 720Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 721Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 722Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 723Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 724Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 725Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 721 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
643
31.9.2.10 LIN Status Register 2
5
LWAKE
Received LIN 1.x Wakeup Signal. A LIN slave has sent a LIN 1.x wakeup signal (80h, 00h or C0h) on the
bus. When this signal is detected, the LIN FSM will reset. If the setup of a frame had already started, the
setup therefore needs to be repeated. When using this feature the guidelines in Section 31.10.11.5, “LIN
Wakeup,” should be noted.
This flag will also be set if the ESCI receives a LIN 2.0 Wakeup Signal under the conditions described in
Section 31.10.11.5, “LIN Wakeup.”
The flag is set when the condition is detected, cleared by a write with 1.
4
STO
Slave TimeOut. Represents a NO_RESPONSE_ERROR - this is set if a slave doesn’t complete a frame
within the specified maximum frame length. For LIN 1.3 the formula
Eqn. 31-1
is used (NDATA = number of data bytes in a frame, please refer to the LIN specification for details).
The flag is set when the condition is detected, cleared by a write with 1.
3
PBERR
Physical Bus Error. No valid message can be generated on the bus. This is set if after the start of a byte
transmission the input remains unchanged for 31 cycles. If the line toggles at least once during the
transmission, the bit will not be set. A PBERR condition will reset the LIN FSM. The flag is set when the
condition is detected, cleared by a write with 1.
2
CERR
CRC Error. The CRC pattern received with an extended frame was not correct. The flag is set when the
condition is detected, cleared by a write with 1.
1
CKERR
Checksum Error. Checksum Error on a received frame. The flag is set when the condition is detected,
cleared by a write with 1.
0
FRC
Frame Complete. LIN frame completely transmitted / All LIN data bytes (including checksum/CRC if
applicable) received. The flag is set when the condition is detected, cleared by a write with 1.
Address Offset: 0x8
Access: User read/write (write to clear)
765
43210
R
000000
UREQ
OVFL
W
Reset
00000000
Figure 31-13. LIN Status Register 2 (LINSTAT2)
Table 31-14. LINSTAT2 Field Descriptions
Field
Description
7–2
Reserved, should be cleared.
Table 31-13. LINSTAT1 Field Descriptions (Continued)
Field
Description
T
FRAME MAX
10 N
DATA
45
+
⋅
() 1.4
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com