Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 727 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 727 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 723Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 724Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 725Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 726Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 727Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 728Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 729Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 730Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 731Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 727 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
649
31.9.2.14 LIN CRC Polynomial Register
31.10 Functional Description
31.10.1 General
This section provides a complete functional description of the eSCI block, detailing the operation of the
design from the end user perspective in a number of subsections.
Figure 31-21 shows the structure of the eSCI module. The eSCI allows full duplex, asynchronous, NRZ
serial communication between the CPU and remote devices, including other CPUs. The eSCI transmitter
and receiver operate independently, although they use the same baud rate generator. The CPU monitors the
status of the eSCI, writes the data to be transmitted, and processes received data.
Address Offset: 0x18
Access: User read/write (write with no ongoing transmissions)
765
43210
R
P15P14
P13P12
P11P10
P9
P8
W
Reset
11000101
Figure 31-19. LIN CRC Polynomial Register 1 (LINCRCP1)
Address Offset: 0x19
Access: User read/write (write with no ongoing transmissions)
765
43210
R
P7
P6
P5
P4
P3
P2
P1
P0
W
Reset
10011001
Figure 31-20. LIN CRC Polynomial Register 2 (LINCRCP2)
Table 31-20. LINCRCP1–2 Field Descriptions
Field
Description
7–0
Pn
Polynomial bit xn. Used to define the LIN polynomial - standard is x15 + x14 + x10 + x8 + x7 + x4 + x3 + 1
(the polynomial used for the CAN protocol).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com