Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 716 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 716 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 712Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 713Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 714Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 715Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 716Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 717Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 718Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 719Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 720Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
638
Freescale Semiconductor
31.9.2.4
SCI Control Register 3
Address Offset: 0x4
Access: User read/write
7
6543210
R
MDIS
FBR
BSTP
IEBERR
RXDMA
TXDMA
BRK13
TXDIR
W
Reset
10100
000
Figure 31-6. SCI Control Register 3 (SCICR3)
Table 31-8. SCICR3 Field Descriptions
Field
Description
7
MDIS
Module Disable. By default the module is disabled, and needs to be explicitly turned on here (by writing
a 0 to it) before it can transmit or receive data. For correct operation the module must be turned on before
writing to any of the other registers.
6
FBR
Fast Bit Error Detection. Handles Bit Error Detection on a per Bit basis. If this is not enabled (compatibility
mode), bit errors will be detected on a per byte basis. (See Section 31.10.4.6, “Fast Bit Error Detection in
LIN mode.”) This bit is only relevant in LIN mode.
5
BSTP
Bit Error / Physical Bus Error Stop. Causes DMA TX requests to be suppressed, as long as the bit error
and physical bus error flags are not cleared. This stops further DMA writes, which would otherwise cause
data bytes to be interpreted as LIN header information. This bit is only relevant in LIN mode.
4
IEBERR
Enable Bit Error Interrupt. Generates an interrupt, when a Bit Error is detected.
3
RXDMA
Activate RX DMA channel. If this Bit is enabled and the eSCI has received data, it will raise a DMA RX
request.
2
TXDMA
Activate TX DMA channel. Whenever the eSCI is able to transmit data, it will raise a DMA TX request.
1
BRK13
Break Transmit character length, This bit determines whether the transmit break character is 10 or 11 bit
respectively 13 or 14 bits long. The detection of a framing error is not affected by this bit. LIN 2.0 now
requires that a break character is always 13 bits long, so this Bit should always be set to 1.
0 Break Character is 10 or 11 bit long
1 Break character is 13 or 14 bit long
0
TXDIR
Transmitter pin data direction in Single-Wire mode. This bit determines whether the TXD pin is going to
be used as an input or output, in the Single-Wire mode of operation. This bit is only relevant in the
Single-Wire mode of operation.
0 TXD pin to be used as an input in Single-Wire mode
1 TXD pin to be used as an output in Single-Wire mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com