Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 711 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 711 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 707Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 708Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 709Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 710Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 711Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 712Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 713Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 714Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 715Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
633
SCIDRL
(bit 7-0)
Read:
R7
R6
R5
R4
R3
R2
R1
R0
0x7
Write:
T7
T6
T5
T4
T3
T2
T1
T0
SCISR1
(bit 31-24)
Read:
TDRE
TC
RDRF
IDLE
OR
NF
FE
PF
0x8
Write:
SCISR2
(bit 23-16)
Read:
0
0
0
BERR
000
RAF
0x9
Write:
LINSTAT1
(bit 15-8)
Read:
RXRDY
TXRDY
LWAKE
STO
PBERR
CERR
CKERR
FRC
0xA
Write:
LINSTAT2
(bit 7-0)
Read:
0
0
0
0
0
0
UREQ
OVFL
0xB
Write:
LINCTRL1
(bit 31-24)
Read:
LRES
0
WUD1
WUD0
LDBG
DSF
PRTY
LIN
0xC
Write:
WU
LINCTRL2
(bit 23-16)
Read:
RXIE
TXIE
WUIE
STIE
PBIE
CIE
CKIE
FCIE
0xD
Write:
LINCTRL3
(bit 15-8)
Read:
0
0
0
0
0
0
UQIE
OFIE
0xE
Write:
LINTX
(bit 31-24)
Read:
0x10
1st W:
P1
P0
ID5
ID4
ID3
ID2
ID1
ID0
2nd W:
L7
L6
L5
L4
L3
L2
L1
L0
3rd W:
HDCHK
CSUM
CRC
TX
T11
T10
T9
T8
4th W:
T7
T6
T5
T4
T3
T2
T1
T0
5th+ W:
D7
D6
D5
D4
D3
D2
D1
D0
LINRX
(bit 31-24)
Read:
D7
D6
D5
D4
D3
D2
D1
D0
0x14
Write:
LINCRCP1
(bit 31-24)
Read:
P15
P14
P13
P12
P11
P10
P9
P8
0x18
Write:
Table 31-4. eSCI Register Quick Reference (Continued)
Register name
Bit 7
6
5
4321
Bit 0
Addr. offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com