Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 707 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 707 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 703Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 704Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 705Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 706Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 707Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 708Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 709Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 710Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 711Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 707 / 976 page
background image
eSCI Protocol
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
629
— HEADER (sent by the Master Node)
– SYNCH BREAK Field - Consists of (min) 13 “low” bits + (min) 1 “high” bit
– SYNCH Field - 1 byte ($55)
– IDENT Field - 1 byte with 6 IDENTIFIER bits and 2 PARITY bits
— Inframe response space - between the HEADER and the RESPONSE, the bus may go high
(recessive) for anywhere between 0 and x bits. ‘x’ may be as long as need be, as long as the
Maximum Frame timing requirement is not violated.
— RESPONSE (sent by the Master or Slave Node)
– DATA Fields (2,4 or 8 per Message Frame) - 1 byte (LSB first) per Field
– CHECKSUM Field - 1 byte (LSB first) per Field
— Interbyte space - between each DATA/CHECKSUM byte, the bus may go high (recessive) for
anywhere between 0 and x bits. ‘x’ may be as long as need be, as long as the Maximum Frame
timing requirement is not violated.
This gives us the following Message Frame timings:
•
Min. Message Frame (TFRAME_MIN)
14 bits (SYNCH BREAK) + 1 byte (SYNCH) + 1 byte (IDENT) + #DATA * 1 byte + 1 byte (CHECKSUM)
= 44 bits + #DATA_FIELDS * 10 bits
= 64 bits (2 byte DATA payload)
= 84 bits (4 byte DATA payload)
= 124 bits (8 byte DATA payload)
•
Max. Message Frame (TFRAME_MAX)
(TFRAME_MIN + 1) * 1.4
= 65 bits * 1.4 = 91 bits (2 byte DATA payload)
= 85 bits * 1.4 = 119 bits (4 byte DATA payload)
= 125 bits * 1.4 = 175 bits (8 byte DATA payload)
•
Min. HEADER (THEADER_MIN)
13 bits + 1 bits (SYNCH BREAK) + 1 byte (SYNCH) + 1 byte (IDENT)
= 34 bits
•
Max. HEADER (THEADER_MAX)
(THEADER_MIN + 1) * 1.4
= 35 bits * 1.4 = 49 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com