Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 918 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 918 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 914Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 915Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 916Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 917Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 918Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 919Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 920Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 921Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 922Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 918 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
840
Freescale Semiconductor
Figure 34-23. Pad PD2 in GPO Mode
34.7.6
PIM Integration Hints
The purpose of the Port Integration Module (PIM) is to implement the GPIO control registers, as well as
select between the port controls of the peripheral (when in Peripheral Mode), and the port controls driven
by the GPIO registers (when in GPIO Mode). The following figures illustrate this concept.
PINDATAxx/
PORTIR[x]
SYNC
PORTDATA[x]
Analog Input Data to Peripheral
Digital Input Data to Peripheral
Control signals from the PIM
Data registers in the PIM
(Tied high or low)
PAD
CLKOUT
ODER
SLEWDIS
SLEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com