Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 916 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 916 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 912Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 913Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 914Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 915Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 916Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 917Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 918Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 919Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 920Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 916 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
838
Freescale Semiconductor
As an example, in Normal mode, with a 20Mhz bus clock (50ns period), tsetup = 200ns and thold = 200ns.
Figure 34-21 illustrates the timing parameters tsetup and thold. Six (6) bus clock cycles after the active edge
(assuming no filtered glitches), the PIFR bit will be set in the corresponding CONFIGxx register.
Figure 34-21. External Interrupt Timing Requirements
NOTE
The above illustration is for timing purposes only. Short (in duration)
changes during setup or hold will be filtered out by the glitch filter.
34.7.5
General Purpose Output mode
In General Purpose Output (GPO) mode, the pin is configured as an output, with full software control of
the pad.
34.7.5.1
Overview
GPO mode is set on a particular pin by clearing the MODE bit and setting the DDR bit in the pin’s
corresponding CONFIGxx register (See Section 34.8.2, “Using a Pin in GPIO Mode,” for an example).
In GPO mode, the following register bits are unused:
•
PIER (CONFIGxx[1])
•
PIFR (CONFIGxx[0])
NOTE
Even though the above bits are unused in this mode, they can still be written
to. The new values will take effect once the mode of the pin is switched to
GPI mode.
While in GPO mode, the data registers PORTDATA, PORTIR and PINDATAxx may be used as follows:
Table 34-52. Input Glitch Filter Requirements
System Mode
Minimum time negated before
active edge (tsetup)
Minimum time asserted after active
edge (thold)
Run (Normal)
4 x TBusClock
4 x TBusClock
tsetup
thold
Rising Edge
Interrupt
Falling Edge
Interrupt
tsetup
thold
Active level
Passive level
Active level
Passive level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com