| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 914 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 914 Page - Freescale Semiconductor, Inc |
|
914 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 836 Freescale Semiconductor Figure 34-20 illustrates the anatomy of a single PIM pad cell in GPI mode. Figure 34-20. Pad in GPI Mode (including pad PD2) NOTE The ODER bit and PORTDATA register are not available on Port E. Table 34-50. PIM Register Behavior in GPI Mode Register Write Read PORTDATA Writing to the corresponding bit in the PORTDATA register will not drive the value onto the pin, but it will set/clear the bit in the register. When the pin is switched to General Purpose Output mode, the new value will be driven onto the pin. Reading from the PORTDATA register will return the value driven on the pin, synchronized to the system clock. This is identical to reading the corresponding bit in the PORTIR register. PORTIR Writing to the PORTIR register will have no effect, as it is a read-only register in all modes. Reading from the PORTIR register will return the value on the pin. Note that this value is internally synchronized to the system clock, and that there is a two clock cycle delay between the changing of the value on the pin, and the update of the PORTIR register. PINDATAxx Writing to the PINDATAxx register is identical to writing the corresponding bit in the PORTDATA register. Reading from the PINDATAxx register is identical to reading the corresponding bit from the PORTDATA register. PINDATAxx/ PORTIR[x] ODER SYNC PORTDATA[x] Analog Input Data to Peripheral Digital Input Data to Peripheral Control signals from the PIM Data registers in the PIM PULL[1:0] (Tied low) Glitch Filter PIER PIFR Interrupt PAD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |