Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 911 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 911 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 907Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 908Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 909Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 910Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 911Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 912Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 913Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 914Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 915Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 911 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
833
Figure 34-19. Pad in Peripheral Mode (including pad PD2)
NOTE
The DDR bit and PORTDATA register are not available on Port E.
34.7.3
Peripheral Pin Multiplexing
Peripheral muxing is a feature intended to increase the flexibility of the chip and broaden its possible
application fields by allowing the user to define some peripheral functions to be made available at more
than one pin location. To this effect every pin (besides Port E) has a mode field as described in
Section 34.6.1.1, “Pin Configuration Register (Port A, B, C, D, F, G).” Table 34-47 lists the possible
modes. These modes are software selectable by writing the mode bits with the desired value.
PINDATAxx/
PORTIR[x]
DDR
PULL
Input Buffer Enable
SYNC
1
0
Input
Output
PORTDATA[x]
Control signals from the peripheral
Output Buffer Enable
Open Drain Enable
Output Data from the peripheral
Analog Input Data to Peripheral
Digital Input Data to Peripheral
Control signals from the PIM
Data registers in the PIM
PAD
SLEWDIS
SLEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com