Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 912 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 912 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 908Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 909Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 910Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 911Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 912Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 913Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 914Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 915Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 916Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 912 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
834
Freescale Semiconductor
NOTE
Currently, only pins PA8 and PA9 allow usage of non-primary peripheral
mode. For all other pins only MODE[1:0] values of 2’b00 or 2’b01 are
allowed.
This table shows that the chips select lines 3 and 4 from DSPI B are available on pins PG14 and PG15
(with MODE[1:0] = 2’b01) as well as on pins PA8 and PA9 if those are configured to use their secondary
peripheral function (i.e. MODE[1:0] = 2’b10).
34.7.3.1
Driving Multiple Outputs
It is possible to drive the same peripheral outputs on multiple pins. If this is not desired, it is the
responsibility of the user to ensure that the PIM is not configured in this manner. As an example, if pin
PA8 was configured to be in Secondary Peripheral Mode, the DSPI_B CS3 would be driven out on both
PA8 and PG15 simultaneously.
34.7.3.2
Input Multiplexing - Priorities
It is not possible to drive the same peripheral input from multiple pins. In the case where the PIM is
configured in this manner, the following priority scheme will determine which pin will drive the input:
Table 34-47. MODE[1:0] Values
Value
Mode
00
GPIO Mode
01
Primary Peripheral Mode
10
Secondary Peripheral Mode
11
Tertiary Peripheral Mode
Table 34-48. Peripheral Pins that can be Multiplexed
Pin
Primary Peripheral
Function
Secondary Peripheral
Function
Tertiary Peripheral
Function
PA8
FlexBus DATA[8]
DSPI_B CS4
None
PA9
FlexBus DATA[9]
DSPI_B CS3
None
PG14
DSPI_B CS4
None
None
PG15
DSPI_B CS3
None
None
Table 34-49. Input Multiplexing Priority
Priority
Mode
highest
Primary Peripheral Mode
medium
Secondary Peripheral Mode
lowest
Tertiary Peripheral Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com