Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 913 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 913 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 909Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 910Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 911Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 912Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 913Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 914Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 915Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 916Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 917Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 913 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
835
Within a Peripheral Mode (Primary, Secondary, Tertiary), the lowest port number has priority, from
PA0...PA15, PB0...PB15, etc.
As an example, assuming that the IIC SDA functionality is available on the following pins (hypothetical
only),
•
PBO (Primary Peripheral Mode)
•
PB5 (Secondary Peripheral Mode)
•
PB10 (Secondary Peripheral Mode)
•
PB11 (Tertiary Peripheral Mode)
then the selection of the SDA input to the IIC would be done as follows:
If PBO is configured as Primary Peripheral Mode, use PB0, else...
if PB5 is configured as Secondary Peripheral Mode, use PB5, else...
if PB10 is configured as Secondary Peripheral Mode, use PB10, else...
if PB11 is configured as Tertiary Peripheral Mode, use PB11, else...
drive the SDA input to the IIC to its off value
34.7.4
General Purpose Input mode
In General Purpose Input (GPI) mode, the pin is configured as an input, with full software control of the
pad and external interrupt capability.
34.7.4.1
Overview
GPI mode is set on a particular pin by clearing the MODE and DDR bits in the pin’s corresponding
CONFIGxx register (See Section 34.8.2, “Using a Pin in GPIO Mode,” for an example).
In GPI mode, the following register bits are unused:
•
SLEW (CONFIGxx[4])
•
SLEWDIS (CONFIGxx[15])
NOTE
Even though the above bits are unused in this mode, they can still be written
to. The new value will take effect once the mode of the pin is switched to
GPO mode.
While in GPI mode, the data registers PORTDATA, PORTIR and PINDATAxx may be used as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com