Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 909 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 909 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 905Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 906Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 907Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 908Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 909Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 910Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 911Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 912Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 913Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 909 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
831
NOTE
Not all Ports are available on all packages. In the case where a port, or some
pins in a port are not available on a package, the value of the corresponding
bit(s) in the DPORTIR register are indeterminate.
34.7
Functional Description
The Port Integration Module provides the means to utilize unused pins as General Purpose Inputs/Outputs
(GPIO), with the following configurable capabilities:
•
5V output drive with three selectable slew rates (Disabled, Slow, Fast)
•
Pull-up or pull-down
•
Open drain for wired-or connections
•
Interrupt capability (with glitch filtering and interrupt mask)
NOTE
All references in this section to GPO Mode do not apply to Port E.
34.7.1
Reset
After reset, all ports (Port A, B, C, D, E, F, G) are configured as General Purpose Inputs (See
Section 34.7.4, “General Purpose Input mode”). In addition, the JTAG pads are configured as follows:
•
TDI Pad:
— Input
— Pull-up enabled
•
TDO Pad:
— Output
— Fast slew rate enabled
•
TMS Pad:
— Input
— Pull-up enabled
•
TCK Pad:
— Input
— Pull-down enabled
Table 34-45. DPORTIR Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed 1
1. While these accesses are allowed, the intended use of this register is for 32-bits. For 8 and 16 bit port reads, it is recommended
to use the PORTIR register for each individual port instead. This will ensure better future compatibility.
Allowed1
Allowed
WRITE
Not Allowed
Not Allowed
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com