Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 905 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 905 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 901Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 902Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 903Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 904Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 905Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 906Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 907Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 908Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 909Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 905 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
827
34.6.1.13 TDO Pin Configuration Register
The TDO Pin Configuration Register (CONFIG_TDO) may be used to enable or disable certain
characteristics of the TDO pad.
Table 34-35. CONFIG_TDI Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Allowed
(Reads CONFIG_TDI +
CONFIG_TDO)
WRITE
Allowed
Allowed
Allowed
(Writes CONFIG_TDI +
CONFIG_TDO)
Offset see Table 34-11
Access: see Table 34-37
15
14
13
12
11
10
987
6543210
R
000
00000
DDR
0
0000
W
Reset
0000
0000010
00000
Figure 34-15. Pin Configuration Register (CONFIG_TDO)
Table 34-36. CONFIG_TDO Field Descriptions
Field
Description
15
SLEWDIS
Slew Rate Disable Register. This bit enables/disables slew rate control. If enabled, the Slew Rate Control
Register can be used to select between Slow and Fast slew rates. If disabled, no slew rate control is in effect,
and the Slew Rate Control Register has no effect.
0 Slew rate control enabled
1 Slew rate control disabled
14–7
Reserved, should be cleared.
6
DDR
Data Direction Register. This bit switches the pin between output and input.
0 Pin is an input. The TDO functionality is disabled. All changes on the pad are ignored.
1 Pin is an output. The TDO functionality is enabled.
5
Reserved, should be cleared.
4
SLEW
Slew Rate Control Register. This bit selects the slew rate of the pin, and is used only when the pin is selected
as an output and the Slew Rate Enable is set.
0 Fast slew rate selected
1 Slow slew rate selected
3–0
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com